Part Number Hot Search : 
10004 NTXV1N FMMZ5241 M68000UM IRL2203 KI5473DC 5L380 N611216
Product Description
Full Text Search
 

To Download STD432S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 STU/D432S
SamHop Microelectronics Corp. Nov,19,2007 ver1.4
N-Channel Logic Level Enhancement Mode Field Effect Transistor
4
PRODUCT SUMMARY
VDSS
40V
FEATURES
( m W ) Max
ID
50A
RDS(ON)
Super high dense cell design for low RDS(ON).
Rugged and reliable. TO-252 and TO-251 Package.
D
9 @ VGS = 10V
D G S
G D
S
G
STU SERIES TO-252AA(D-PAK)
STD SERIES TO-251(l-PAK)
S
ABSOLUTE MAXIMUM RATINGS (TC=25 C unless otherwise noted)
Parameter Drain-Source Voltage Gate-Source Voltage Drain Current-Continuous @Ta -Pulsed a Drain-Source Diode Forward Current
Avalanche Current Avalanche Energy
c
a
Symbol VDS VGS
a
Limit 40 20 50 100 20 23 130
50 -55 to 175
Unit V V A A A A
mJ
W C
25 C
ID IDM IS IAS EAS
PD TJ, TSTG
b
c
Maximum Power Dissipation
Ta= 25 C
Operating Junction and Storage Temperature Range
THERMAL CHARACTERISTICS
Thermal Resistance, Junction-to-Case Thermal Resistance, Junction-to-Ambient R JC R JA 3 50 C /W C /W
1
STU/D432S
ELECTRICAL CHARACTERISTICS (TC=25 C unless otherwise noted)
Parameter
5
Symbol
BVDSS IDSS IGSS
a
Condition
VGS = 0V, ID = 250uA VDS = 32V, VGS =0V VGS = 20V, VDS = 0V VDS = VGS, ID = 250uA VGS= 10V , ID =10A VGS = 4.5V, ID =5A VDS = 10V, VGS = 10V VDS = 10V, ID = 10A
Min Typ Max Unit
40 1 V uA 100 nA 1.25 1.6 7 9 30 28 1130 240 145 3 9 11 V
m ohm m ohm
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage Zero Gate Voltage Drain Current Gate-Body Leakage
ON CHARACTERISTICS
Gate Threshold Voltage
VGS(th) RDS(ON) ID(ON) gFS
b
Drain-Source On-State Resistance On-State Drain Current Forward Transconductance
A S
PF PF PF
DYNAMIC CHARACTERISTICS
Input Capacitance Output Capacitance Reverse Transfer Capacitance
CISS COSS CRSS tD(ON) tr tD(OFF) tf Qg Qgs Qgd
VDS =15V, VGS = 0V f =1.0MHZ
SWITCHING CHARACTERISTICS b
Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Total Gate Charge Gate-Source Charge Gate-Drain Charge VDD = 15V ID = 10 A VGS = 10V RGEN = 3.3 ohm VDS =15V, ID =10A,VGS =10V VDS =15V, ID =10A,VGS =4.5V VDS =15V, ID = 10A VGS =10V
2
18 22 61 9.6 23.5 11.5 2.7 3.2
ns ns ns ns nC nC nC nC
S T U/D432S
E LE CTR ICAL CHAR ACTE R IS TICS (TC=25 C unless otherwise noted)
Parameter
Diode Forward Voltage
S ymbol
VSD
Condition
VGS = 0V, Is = 20A
Min Typ Max Unit
0.91 1.3 V
DR AIN-S OUR CE DIODE CHAR ACTE R IS TICS a
Notes a.Pulse Test:Pulse Width 300us, Duty Cycle 2%. b.Guaranteed by design, not subject to production testing.
100 V G S =10V 80 V G S =4V 48 V G S =3.5V 60
c. Start ing TJ=25 c , L = 0.5 mH , RG = 25W , IAS = 23 A, VDD < V(BR)DSS ( See Figure13 ) 60
ID, Drain C urrent(A)
ID, Drain C urrent (A)
36 -55 C 24 T j=125 C 12 0 25 C
40
V G S =3V
20
V G S =2.5V
0
0
0.5
1
1.5
2
2.5
3
0
0.7
1.4
2.1
2.8
3.5
4.2
V DS , Drain-to-S ource Voltage (V )
V G S , G ate-to-S ource Voltage (V )
F igure 1. Output C haracteris tics
20
F igure 2. Trans fer C haracteris tics
2.0
R DS (ON), On-R es is tance Normalized
1.8 1.6 1.4 1.2 1.0 0
V G S =10V ID=10A
16
R DS (on) (m W)
12 8 4
V G S =4.5V
V G S =4.5V ID=5A
V G S =10V
1
1
20
40
60
80
100
0
25
50
75
100
125
150
T j( C )
ID, Drain C urrent (A)
T j, J unction T emperature ( C )
F igure 3. On-R es is tance vs . Drain C urrent and G ate V oltage
F igure 4. On-R es is tance Variation with Drain C urrent and Temperature
3
S T U/D432S
B V DS S , Normalized Drain-S ource B reakdown V oltage V th, Normalized G ate-S ource T hres hold V oltage
1.6 1.4 1.2 1.0 0.8 0.6 0.4 0.2 -50 -25 0 25 50 75 100 125 150 V DS =V G S ID=250uA 1.40 ID=250uA 1.30 1.20 1.10 1.00 0.90 0.80 -50 -25 0 25 50 75 100 125 150
6
T j, J unction T emperature ( C )
T j, J unction T emperature ( C )
F igure 5. G ate T hres hold V ariation with T emperature
30
F igure 6. B reakdown V oltage V ariation with T emperature
60
ID=10A
Is , S ource-drain current (A)
25
R DS (on) (m W)
20 125 C 15 10 75 C 5 0 25 C
20
125 C
25 C
10
0
2
4
6
8
10
1
0
0.24
0.48
0.72
0.96
1.20
V G S , G ate- S ource Voltage (V )
V S D, B ody Diode F orward V oltage (V )
F igure 7. On-R es is tance vs . G ate-S ource V oltage
F igure 8. B ody Diode F orward V oltage V ariation with S ource C urrent
4
STU/D432S
1800 1500 Ciss
10
VGS, Gate to Source Voltage (V)
8 6 4 2 0
VDS=15V ID=10A
C, Capacitance (pF)
1200 900 600 Coss 300 Crss 0 0 5 10 15 20 25 30
6
0
4
8
12
16
20
24
28 32
VDS, Drain-to Source Voltage (V)
Qg, Total Gate Charge (nC)
Figure 9. Capacitance
Figure 10. Gate Charge
350
600 100
Lim it (O
10
Switching Time (ns)
ID, Drain Current (A)
100 60 10
TD(off )
Tr Tf TD(on)
1m 10
s
10
RD
0m
ms
N)
s
S
1s
DC
1 1
V DS =15V ,ID=10A V G S =10V
1 0.5 0.1
VGS=10V Single Pulse Tc=25 C
6 10
60 100 300 600
1
10
30
60
Rg, Gate Resistance (W)
VDS, Drain-Source Voltage (V)
Figure 11.switching characteristics
Figure 12. Maximum Safe Operating Area
5
STU/D432S
15V
V ( BR )D S S
tp
D R IVE R
VDS
L
RG
20V
D .U .T
IA S tp
+ - VD D
A
0.0 1
IAS
Unclamped Inductive Test Circuit F igure 13a.
Unclamped Inductive Waveforms F igure 13b.
2 1
r(t),Normalized Effective Transient Thermal Impedance
D=0.5
0.2 0.1 0.1 0.05 0.02 0.01 SINGLE PULSE 0.01 10
-5 -4 -3 -2 -1
P DM t1 t2
1. RcJA (t)=r (t) * RcJA 2. RcJA=See Datasheet 3. TJM-TA = PDM* RcJA (t) 4. Duty Cycle, D=t1/t2 10 10 10 1 10
10
Square Wave Pulse Duration (sec)
Figure 14. Normalized Thermal Transient Impedance Curve
6
S T U/D432S
7
S T U/D432S
E b3 L3
A
C2
E1
D
H
L4 e
b2 b
L2 L L1
A1
C2 b b2 b3 L2
A1 L4 L L1 L3
10 483 0.814 864 232 0.508 6.000 6.400 4.902 2.290 9.601 0.010 0.066 1.397 2.743 1.100
387 0.584 0.889 1.092 436 REF. 00 6.604 5.004 BSC 210 0.127 0.940 1.651 REF. REF.
7 0.019 32 4 6 0.020 36 0.193 0.090 78 0.0004 0.026 0.055 0.108 0.043
4 0.023 0.035 43 4 REF. 4 0.197 BSC 402 0.005 0.037 0.065 REF. REF.
8
S T U/D432S
TO-251 Tube
TO251 Tube/TO-252 Tape and Reel Data
" A"
TO-252 Carrier Tape
UNIT:P PACKAGE TO-252 (16 P) A0 6.80 O0.1 B0 10.3 O0.1 K0 2.50 O0.1 D0 r2 D1
r1.5 + 0.1 -0
E 16.0 0.3O
E1 1.75 0.1O
E2 7.5 O0.15
P0 8.0 O0.1
P1 4.0 O0.1
P2 2.0 O0.15
T 0.3 O0.05
TO-252 Reel
S
UNIT:P TAPE SIZE 16 P REEL SIZE r 330 M r330 O 0.5 N r97 O 1.0 W
17.0 + 1.5 -0
T 2.2
H
r13.0 + 0.5 - 0.2
K 10.6
S 2.0 O0.5
G
R
V
9


▲Up To Search▲   

 
Price & Availability of STD432S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X